tsm 60 n 06 60 v n - channel power mosfet 1 / 4 version: a12 to - 25 2 ( d pak) product summary v ds (v) r ds(on) ( m ) i d (a) 60 7.3 @ v gs =10v 66 features advanced trench technology low r ds(on) 7.3 m (max.) low gate charge typical @ 81 n c (typ.) low crss typical @ 339 pf (typ.) block diagram n - c hannel mosfet ordering information part no. package packing tsm 60n06 cp rog to - 2 52 2.5k pcs / 13 reel note: g denote for halogen free product absolute maximum rating ( t c = 25 unless otherwise noted ) parameter symbol limit unit drain - source volta ge v ds 6 0 v gate - source voltage v gs 20 v continuous drain current t c = 25 i d 66 a t c = 70 53 t a = 25 13 t a = 70 10 drain current - pulsed note 1 i dm 150 a avalanche current, l = 0. 1 mh i as , i ar 53 a avalanche energy, l = 0. 1 mh e as , e ar 400 mj maximum power dissipation t c = 25 p d 44.6 w t c = 70 28.6 t a = 25 2 t a = 70 1.3 storage temperature range t stg - 55 to +150 operating junction temperature range t j - 55 to +150 * limited by maximum junction temperatur e thermal performance parameter symbol limit unit thermal resistance - junction to case r ? jc 2.8 ? ja 62 pin definition : 1. gate 2. drain 3 . source
tsm 60 n 06 60 v n - channel power mosfet 2 / 4 version: a12 electrical specifications ( t c = 25 unless otherwise noted ) parameter conditions symbol min typ max u nit static drain - source breakdown voltage v gs = 0 v, i d = 250u a bv dss 6 0 -- -- v drain - source on - state resistance v gs = 10v, i d = 3 0 a r ds(on) -- 6.3 7.3 m gate threshold voltage v ds = v gs , i d = 2 50ua v gs(th) 2 3 4 v zero gate voltage drain cu rrent v ds = 48 v, v gs = 0v i dss -- -- 1 ua gate body leakage v gs = 2 0v, v ds = 0v i gss -- -- 1 0 0 na dynamic total gate charge v ds = 3 0v, i d = 3 0a, v gs = 10v q g -- 81 -- nc gate - source charge q gs -- 23 -- gate - drain charge q gd -- 24 -- input ca pacitance v ds = 3 0v, v gs = 0v, f = 1.0mhz c iss -- 4382 -- pf output capacitance c oss -- 668 -- reverse transfer capacitance c rss -- 339 -- switching turn - on delay time v gs = 1 0v, v d s = 3 0 v, r g = 3 .3 , i d = 30a t d(on) -- 25 -- ns turn - on rise time t r -- 19 -- turn - off delay time t d(off) -- 85 -- turn - off fall time t f -- 43 -- drain - source diode characteristics and maximum rating drain - source diode forward voltage v gs = 0v, i s = 2 0a v sd - 0. 8 1 .3 v reverse recovery time i s = 3 0a , t j = 25 di/dt = 1 00a/us t f r 3 6 ns reverse recovery charge q f r 53 nc notes: 1. pulse test: pulse width 300s, duty cycle 2%. 2. r ja is the sum of the junction - to - case and case - to - ambient thermal resistance wher e the case thermal reference is defined as the solder mounting surface of the drain pins. r jc is guaranteed by design while r ca is determined by the user's board design. r ja shown below for single device operation on fr - 4 in still air
tsm 60 n 06 60 v n - channel power mosfet 3 / 4 version: a12 to - 252 mechanical drawing to - 2 52 di mension dim millimeters inches min max min max a 2.286 bsc 0.09 0 bsc b 9.4 0 10.40 0. 370 0.4 09 c 5. 4 0 6.23 0.2 13 0.2 45 d 6. 4 0 6. 8 0 0.2 52 0.26 8 e 2.2 0 2.4 0 0.08 7 0.09 4 f 0.00 0.20 0.000 0.008 g 5.20 5.5 0 0 .205 0.2 17 g1 0.50 0.91 0.0 20 0.0 36 h 0.4 5 0.60 0.01 8 0.024 h1 0.40 0.60 0.0 16 0.0 24 j 2.50 2.90 0. 098 0.1 1 4 k 0.6 0 1.0 0 0.02 3 0.0 39 l 1.40 1.78 0.0 5 5 0.0 70 m 0.88 1.28 0.0 34 0.0 50
tsm 60 n 06 60 v n - channel power mosfet 4 / 4 version: a12 notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf, assumes no respons ibility or liability for any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, to any intellectual property rights is granted by this document. except as provided in tsc s terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpos e, merchantability, or infringement of any patent, copyright, or other intellectual property right. the products shown herein are not designed for use in medical, life - saving, or life - sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify tsc for any damages resulting from such improper use or sale.
|